Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2003AV Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2003AV
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003AV Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2003AV Datasheet HTML 1Page - STMicroelectronics TDA2003AV Datasheet HTML 2Page - STMicroelectronics TDA2003AV Datasheet HTML 3Page - STMicroelectronics TDA2003AV Datasheet HTML 4Page - STMicroelectronics TDA2003AV Datasheet HTML 5Page - STMicroelectronics TDA2003AV Datasheet HTML 6Page - STMicroelectronics TDA2003AV Datasheet HTML 7Page - STMicroelectronics TDA2003AV Datasheet HTML 8Page - STMicroelectronics TDA2003AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
List of figures
TDA2003A
4/19
Doc ID 018796 Rev 4
List of figures
Figure 1.
Schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
DC test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
AC test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Quiescent output voltage vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Quiescent drain current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Output power vs. supply voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Output power vs. load resistance RL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 9.
Gain vs. input sensitivity (RL = 4 Ω) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Gain vs. input sensitivity (RL = 2 Ω) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 11.
Distortion vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
Distortion vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 13.
Supply voltage rejection vs. voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 14.
Supply voltage rejection vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 15.
Power dissipation and efficiency vs. output power (RL = 4 Ω) . . . . . . . . . . . . . . . . . . . . . . 10
Figure 16.
Power dissipation and efficiency vs. output power (RL = 2 Ω) . . . . . . . . . . . . . . . . . . . . . . 10
Figure 17.
Maximum power dissipation vs. supply voltage (sine wave operation). . . . . . . . . . . . . . . . 11
Figure 18.
Maximum allowable power dissipation vs. ambient temperature . . . . . . . . . . . . . . . . . . . . 11
Figure 19.
Typical values of capacitor (CX) for different values of frequency response (B). . . . . . . . . 11
Figure 20.
Typical application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 21.
Printed circuit board and component layout for typical application circuit. . . . . . . . . . . . . . 12
Figure 22.
Voltage gain bridge configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 23.
Suggested LC network circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 24.
Output power and drain current vs. case temperature (RL = 4 Ω) . . . . . . . . . . . . . . . . . . . 14
Figure 25.
Output power and drain current vs. case temperature (RL = 2 Ω) . . . . . . . . . . . . . . . . . . . 14
Figure 26.
Pentawatt (vertical) mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . 16
Figure 27.
Pentawatt (horizontal) mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com