Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2021 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2021
Description  0.5A Single Channel USB Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2021 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2021 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS2021
0.5A Single Channel USB Power Switch
7/8
Version: A11
SOT-25 Mechanical Drawing
SOT-25 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A+A1
0.09
1.25
0.0354
0.0492
B
0.30
0.50
0.0118
0.0197
C
0.09
0.25
0.0035
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
1.90 BSC
0.0748 BSC
H
2.40
3.00
0.09449
0.1181
L
0.35 BSC
0.0138 BSC
Ө1
10º
10º
S1
0.95 BSC
0.0374 BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com