Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2021 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2021
Description  0.5A Single Channel USB Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2021 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2021 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2021 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS2021
0.5A Single Channel USB Power Switch
1/8
Version: A11
SOT-25
General Description
The TS2021 is integrated 85m high-side power switch for self-powered and bus-powered Universal Serial Bus
(USB) applications. This switch operates with input ranging from 3.2V to 6.5V, making it ideal for 5V system.
The protection includes current limiting with foldback, short circuit and thermal shutdown. The TS2021 is ideal for
any system where current limiting and power control are desired. The TS2021 has low quiescent current and
small package, which is particularly suitable in battery powered portable application. Guaranteed minimum
output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at
upstream port from dropping excessively.
Features
85m
High-Side MOSFET Switch
0.5A Continuous Load Current
40uA Quiescent Supply Current
1uA Maximum Shutdown Supply Current
3.2V to 6.5V Input Voltage Range
Open-Drain Over-Current Flag Output
Under-Voltage Lockout
Current-Limit / Short Circuit Protection
Thermal Shutdown Protection under Over
Current Condition
Under Voltage Lockout Ensures that Switch is off
at Start Up
Soft Start prevents large Inrush Current.
No Reverse Current when Power off.
Enable Active-Low
Ordering Information
Note: “G” denote for Halogen Free Product
Part No.
Package
Packing
TS2021CX5 RFG
SOT-25
3Kpcs / 7” Reel
Applications
USB Power Management
High-Side Power Protection Switch
Hot Plug-In Power Supplies
Battery-Charger Circuits
Portable Application
Digital Television
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
VIN Pin Voltage
VIN
7
V
CTL Input Voltage
VCTL
-0.3 ~ 7
V
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
+125
°C
Power Dissipation
PD
350
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to case
θJC
115
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: Absolute maximum rating are those values beyond which the life of a device may be impaired
Pin Definition:
1. CTL
2. Ground
3. FLG
4. Input
5. Output


Similar Part No. - TS2021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
Taiwan Semiconductor Co...
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
logo
Bothhand USA, LP.
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023B BOTHHAND-TS2023B Datasheet
204Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
More results

Similar Description - TS2021

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
logo
Taiwan Semiconductor Co...
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
0.5A Dual Channel USB High-Side Power Switch
logo
Diodes Incorporated
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
logo
Diodes Incorporated
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com