Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105R8 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F105R8
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105R8 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F105R8 Datasheet HTML 5Page - STMicroelectronics STM32F105R8 Datasheet HTML 6Page - STMicroelectronics STM32F105R8 Datasheet HTML 7Page - STMicroelectronics STM32F105R8 Datasheet HTML 8Page - STMicroelectronics STM32F105R8 Datasheet HTML 9Page - STMicroelectronics STM32F105R8 Datasheet HTML 10Page - STMicroelectronics STM32F105R8 Datasheet HTML 11Page - STMicroelectronics STM32F105R8 Datasheet HTML 12Page - STMicroelectronics STM32F105R8 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
STM32F105xx, STM32F107xx
Introduction
Doc ID 15274 Rev 6
9/104
1
Introduction
This datasheet provides the description of the STM32F105xx and STM32F107xx
connectivity line microcontrollers. For more details on the whole STMicroelectronics
STM32F10xxx family, please refer to Section 2.2: Full compatibility throughout the family.
The STM32F105xx and STM32F107xx datasheet should be read in conjunction with the
STM32F10xxx reference manual.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming manual.
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337e/.
2
Description
The STM32F105xx and STM32F107xx connectivity line family incorporates the high-
performance ARM® Cortex™-M3 32-bit RISC core operating at a 72 MHz frequency, high-
speed embedded memories (Flash memory up to 256 Kbytes and SRAM 64 Kbytes), and
an extensive range of enhanced I/Os and peripherals connected to two APB buses. All
devices offer two 12-bit ADCs, four general-purpose 16-bit timers plus a PWM timer, as well
as standard and advanced communication interfaces: up to two I2Cs, three SPIs, two I2Ss,
five USARTs, an USB OTG FS and two CANs. Ethernet is available on the STM32F107xx
only.
The STM32F105xx and STM32F107xx connectivity line family operates in the –40 to
+105 °C temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of
power-saving mode allows the design of low-power applications.
The STM32F105xx and STM32F107xx connectivity line family offers devices in three
different package types: from 64 pins to 100 pins. Depending on the device chosen, different
sets of peripherals are included, the description below gives an overview of the complete
range of peripherals proposed in this family.
These features make the STM32F105xx and STM32F107xx connectivity line
microcontroller family suitable for a wide range of applications such as motor drives and
application control, medical and handheld equipment, industrial applications, PLCs,
inverters, printers, and scanners, alarm systems, video intercom, HVAC and home audio
equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com