Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105R8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F105R8
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105R8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F105R8 Datasheet HTML 35Page - STMicroelectronics STM32F105R8 Datasheet HTML 36Page - STMicroelectronics STM32F105R8 Datasheet HTML 37Page - STMicroelectronics STM32F105R8 Datasheet HTML 38Page - STMicroelectronics STM32F105R8 Datasheet HTML 39Page - STMicroelectronics STM32F105R8 Datasheet HTML 40Page - STMicroelectronics STM32F105R8 Datasheet HTML 41Page - STMicroelectronics STM32F105R8 Datasheet HTML 42Page - STMicroelectronics STM32F105R8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
STM32F105xx, STM32F107xx
Electrical characteristics
Doc ID 15274 Rev 6
39/104
Table 15.
Maximum current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current in
Sleep mode
External clock(2), all
peripherals enabled
72 MHz
48.4
49
mA
48 MHz
33.9
34.4
36 MHz
26.7
27.2
24 MHz
19.3
19.8
16 MHz
14.2
14.8
8 MHz
8.7
9.1
External clock(3), all
peripherals disabled
72 MHz
10.1
10.6
48 MHz
8.3
8.75
36 MHz
7.5
8
24 MHz
6.6
7.1
16 MHz
6
6.5
8 MHz
2.5
3
1.
Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
Table 16.
Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/VBAT
= 2.0 V
VDD/VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C
TA =
105 °C
IDD
Supply current
in Stop mode
Regulator in Run mode, low-speed
and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
32
33
600
1300
µA
Regulator in Low Power mode, low-
speed and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
25
26
590
1280
Supply current
in Standby
mode
Low-speed internal RC oscillator and
independent watchdog ON
33.8
-
-
Low-speed internal RC oscillator
ON, independent watchdog OFF
2.8
3.6
-
-
Low-speed internal RC oscillator and
independent watchdog OFF, low-
speed oscillator and RTC OFF
1.9
2.1
5(2)
6.5(2)
IDD_VBAT
Backup
domain supply
current
Low-speed oscillator and RTC ON
1.1
1.2
1.4
2.1(2)
2.3(2)
1.
Typical values are measured at TA = 25 °C.
2.
Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com