Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2602 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2602
Description  Octave Remote Resistor-programmable Temperature Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2602 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2602 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Datasheet
Octave Remote Resistor-programmable Temperature Switches
AP2602
Feb. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2602
-
Circuit Type
G1: Green
Package
TR: Tape & Reel
FN: QFN-3X3-16
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
QFN-3X3-16
-40 to 125
°C
AP2602FNTR-G1
B2E
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
Absolute Maximum Ratings (Note 2)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to 6
V
OTXY Voltage
VOT
-0.3 to 6
V
TMSNSX, VTRIG Voltage
VTMSNSX,
VTRIG
-0.3 to VCC+0.3
V
SEL Voltage
VSEL
-0.3 to 6
V
Output Current (All Pins)
20
mA
Input Current (All Pins)
20
mA
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 to 150
°C
Lead Temperature
(Soldering, 10 seconds)
TLEAD
260
°C
Thermal Resistance
θ
JA
QFN-3X3-16
68
°C/W
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 2: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com