Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2602 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2602
Description  Octave Remote Resistor-programmable Temperature Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2602 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2602 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Datasheet
Octave Remote Resistor-programmable Temperature Switches
AP2602
Feb. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The
AP2602
are
fully
integrated,
resistor
programmable octave remote temperature switches
with selectable external/internal trigger voltages
setting. The thresholds are set by external resistors
and
thermistors
with
negative
temperature
coefficient.
The AP2602 provides 4 open-drain, active low,
over-temperature outputs for each 2 sensors. These
switches operate with a 2.7V to 5.5V single supply.
The AP2602 are available in 16-pin QFN-3X3-16
package.
Features
•
8
Remote
Temperature
Switches
Set
by
Thermistor and External Resistors
•
4 Open-drain Active Low Output Stages for
Each 2 Temperature Switches
•
Selectable External/Internal Trigger Voltages
Setting
•
Built-in Hysteresis Temperature when Using
Internal Setting Trigger Voltage
•
Guaranteed Output Signal Valid to VCC=0.8V
•
QFN-3X3-16 Package
Applications
•
µP
Temperature
Monitoring
High-speed
Computers
•
Temperature Control
•
Temperature Alarms
•
Fan Control
•
Automotives
Figure 1. Package Type of AP2602
QFN-3X3-16


Similar Part No. - AP2602

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2602GY A-POWER-AP2602GY Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2602GY-HF A-POWER-AP2602GY-HF_14 Datasheet
66Kb / 4P
Lower On-resistance
AP2602GY-HF A-POWER-AP2602GY-HF_16 Datasheet
64Kb / 5P
Surface Mount Package
AP2602MT A-POWER-AP2602MT Datasheet
74Kb / 6P
Simple Drive Requirement
AP2602Y A-POWER-AP2602Y Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2602

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
logo
Global Mixed-mode Techn...
G718 GMT-G718 Datasheet
81Kb / 1P
Dual Remote Resistor-Programmable Temperature Switches
G717 GMT-G717 Datasheet
37Kb / 1P
Octave Remote Resistor-Programmable Temperature switches
G705 GMT-G705 Datasheet
84Kb / 1P
Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com