Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2DIP2-32 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # V2DIP2-32
Description  Designed to allow rapid development of designs using the VNC2-32Q IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-32 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  V2DIP2-32 Datasheet HTML 1Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 2Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000164
V2DIP2-32 VNCL2-32Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 151
2 Features
The V2DIP2-32 incorporates the following features
:
Uses FTDI’s the VNC2-32Q embedded USB
host controller IC device
Two USB ‘A’ type socket to interface with USB
peripheral devices
UART, parallel FIFO and SPI interfaces can be
programmed to a choice of available I/O pins
Single 5V supply input from DIL connectors or
5V supplied via USB VBUS slave interface or
debugger module.
Auxiliary 3.3 V / 200 mA power output to
external logic
Power and traffic indicator LED’s
All VNC2 signals available on 0.6” wide / 0.1”
pitch DIL male connectors.
V2DIP2-32 is a Pb-free, RoHS complaint
development module
Debugger interface pin available on DIL pins or
via 6 way male header which interfaces to
separate debugger module
Firmware upgrades via UART or debugger
interface pin header
FOC software development suite of tools to
create customised firmware includes a
Compiler, Linker,Debugger and Assembler all
wrapped up in an easy to use Integrated
Design Environment GUI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com