Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2DIP2-32 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # V2DIP2-32
Description  Designed to allow rapid development of designs using the VNC2-32Q IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-32 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-32 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000164
V2DIP2-32 VNCL2-32Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 151
3.2 Pin Signal Description
Pin No.
Name
Pin Name on
PCB
Type
Description
J1-1
5V0
5V0
PWR Input
5.0V module supply pin. This pin can be used to
provide the 5.0V input to the V2DIP2-64 when the
V2DIP2-64 is not powered from the USB connector
(VBUS) or the debugger interface. Also connected to
DIL connector pins pins J1-1 and J3-6.
J1-2
-
-
-
Not connected
J1-3
-
-
-
Not connected
J1-4
GND
GND
PWR
Module ground supply pin
J1-5
GND
GND
PWR
Module ground supply pin
J1-6
IOBUS4
IO4
I/O
5V safe bidirectional data / control bus bit 4
J1-7
GND
GND
PWR
Module ground supply pin
J1-8
IOBUS5
IO5
I/O
5V safe bidirectional data / control bus bit 5
J1-9
IOBUS6
IO6
I/O
5V safe bidirectional data / control bus bit 6
J1-10
IOBUS7
IO7
I/O
5V safe bidirectional data / control bus bit 7
J1-11
IOBUS8
IO8
I/O
5V safe bidirectional data / control bus bit 8
J1-12
IOBUS9
IO9
I/O
5V safe bidirectional data / control bus bit 9
J2-1
3V3
3V3
3.3V Output from
VDIP2’s on board
3.3V L.D.O.
3.3V output from V2DIP2’s on board 3.3V L.D.O.
J2-2
PROG#
PRG#
Input
This pin is used in combination with the RESET# pin
and the UART interface to program firmware into the
VNC2.
J2-3
RESET#
RST#
Input
Can be used by an external device to reset the
VNCL2. This pin is also used in combination with
PROG# and the UART interface to program firmware
into the VNC2
J1-4
-
-
-
Not connected
J1-5
-
-
-
Not connected
J2-6
IOBUS3
IO3
I/O
5V safe bidirectional data / control bus bit 3
J2-7
GND
GND
PWR
Module ground supply pin
J2-8
IOBUS2
IO2
I/O
5V safe bidirectional data / control bus bit 2
J2-9
IOBUS1
IO1
I/O
5V safe bidirectional data / control bus bit 1
J2-10
IOBUS0
IO0
I/O
5V safe bidirectional data / control bus bit 0
J2-11
IOBUS11
IO11
I/O
5V safe bidirectional data / control bus bit 11
J2-12
IOBUS10
IO10
I/O
5V safe bidirectional data / control bus bit 10
Table 3.1 - Pin Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com