Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2DIP2-48 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # V2DIP2-48
Description  Designed to allow rapid development of designs using the VNC2-48Q IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-48 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-48 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
8
Document Reference No.: FT_000237
V2DIP2-48 VNC2-48 Development Module Datasheet Version 1.01
Clearance No.: FTDI# 152
3.3 I/O Configuration Using The Jumper Pin Header
Two three way jumper pin headers are provided to allow for simple configuration of the I/O on data and
control bus pins of the 48 pin QFN Vinculum-II. This is done by a combination of pulling up or pulling
down the 48 pin QFN Vinculum-II IOBUS25 (pin 46) and IOBUS26 (pin 47). The relevant portion of the
V2DIP2-48 module schematic is shown in Figure 3.3
IOBUS25
IOBUS26
Figure 3.3 - V2DIP2 48 On-Board Jumper Pin Configuration.
IOBUS25
(VNC2-48Q pin 47)
IOBUS26
(VNC2-48Q pin 46)
I/O Mode
Pull-Up
Pull-Up
Serial UART
Pull-Up
Pull-Down
SPI
Pull-Down
Pull-Up
Parallel FIFO
Pull-Down
Pull-Down
Serial UART
Table 3.2 - V2DIP2 48 Port Selection Jumper Pins
NOTE: This is only applicable when using VNC1L compatible firmware e.g. V2DAP2. Other wise the user
can set the pins for their own use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com