Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1532B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1532B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1532B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1532B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE1532B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Electrical Characteristics
(TA=25℃, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=10uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
1.0
1.85
2.5
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
10
uA
Zero Gate Voltage Drain
Current
IDSS
VDS=60V, VGS=0V
1
uA
Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=0.5A
7.5
Ω
VGS=5V, ID=0.05A
7.5
Forward Transconductance
gfs*
VDS=10V,ID=0.5A
15
S
Switching
Turn-On Time
td(on)*
VGS=10V, ID=0.19A, VDS=30V,
RL=155Ω
12
nS
Turn-Off Time
td(off)*
20
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=25V, f=1MHz
52
pF
Output Capacitance
Coss
7.7
Reverse Transfer
Capacitance
Crss
3.9
* Pw ≦
300 μs, Duty cycle ≦ 1%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com