Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1532B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1532B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1532B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1532B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1532B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE1532B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Features
Low On-Resistance
Fast Switching Speed
Low-voltage drive
Easily designed drive circuits
We declare that the material of product is ROHS compliant.
ESD Protected:2000V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous) (TA=25℃)
ID
250
mA
Drain Current (Pulse)
IDM*1
1.6
A
Power Dissipation (TA=25℃)
PD*2
225
mW
Operating Temperature / Storage Temperature TJ/TSTG -55/150
OC
*1 Pw ≦
10 μs, Duty cycle ≦1 %
*2 When mounted on a 1*0.75*0.062 inch glass epoxy board%
Packaging Type
SOT-23-3
D
G
S
Ordering information
ACE1532B XX + H
BM : SOT-23-3
Pb - free
Halogen - free


Similar Part No. - ACE1532B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1531A ACE-ACE1531A Datasheet
189Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE1531AJMH ACE-ACE1531AJMH Datasheet
189Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE1534B ACE-ACE1534B Datasheet
659Kb / 6P
N-Channel Power MOSFET
VER 1.1
More results

Similar Description - ACE1532B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com