Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1550B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1550B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1550B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1550B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE1550B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Ordering information
ACE1550B XX + H
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250 uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250uA
-0.3
-0.8
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V, VGS=0V
1
uA
Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-0.6A
500
620
m
Ω
VGS=-2.5V, ID=-0.5A
700
860
VGS=-1.8V, ID=-0.4A
1000
1450
Forward Transconductance
gfs
VDS=-10V,ID=-0.4A
1
S
Diode Forward Voltage
VSD
ISD=-0.15A, VGS=0V
-0.65
-1.2
V
Switching
Total Gate Charge
Qg
VDS=-10V, VGS=-4.5V, ID=-0.25A
1.0
1.3
nC
Gate-Source Charge
Qgs
0.1
Gate-Drain Charge
Qgd
0.3
Turn-On Time
td(on)
VGS=-4.5V, ID=-0.2A, VDS=-10V,
RG=10Ω
10
15
nS
tr
10
15
Turn-Off Time
td(off)
40
60
tf
30
50
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-10V, f=1MHz
70
100
pF
Output Capacitance
Coss
20
REVERSE Transfer
Capacitance
Crss
10
KM : SOT-523
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com