Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4407GS Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4407GS
Description  Lower On-resistance, Simple Drive Requirement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4407GS Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4407GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package Outline : TO-263
Millimeters
MIN
NOM
MAX
A
4.25
4.75
5.20
A1
0.00
0.15
0.30
A2
2.20
2.45
2.70
b
0.70
0.90
1.10
b1
1.07
1.27
1.47
c
0.30
0.45
0.60
c1
1.15
1.30
1.45
D
8.30
8.90
9.40
E
9.70
10.10
10.50
e
2.04
2.54
3.04
L2
-----
1.50
-----
L3
4.50
4.90
5.30
L4
-----
1.50
----
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-263
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
Package Code
Part Number
E
b
b1
e
D
L2
L3
c1
A
θ
A1
L4
c
XXXXXS
YWWSSS
A2
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
Package Code
Part Number
4407GS
YWWSSS
LOGO
E
b
b1
e
D
L2
L3
c1
A
θ
A1
L4
c
A2
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
meet Rohs requirement
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com