Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4407GS Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4407GS
Description  Lower On-resistance, Simple Drive Requirement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4407GS Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4407GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4407GS Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower On-resistance
BVDSS
-30V
▼ Simple Drive Requirement
RDS(ON)
14mΩ
▼ Fast Switching Characteristic
ID
-50A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
2.3
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
200808192
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 10V
-55 to 150
Linear Derating Factor
54
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Continuous Drain Current, VGS @ 10V
-32
Pulsed Drain Current
1
180
1
AP4407GS/P
Rating
-30
+25
-50
0.4
RoHS-compliat Product
G
D
S
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
G D
S
TO-263(S)
G
D
S
TO-220(P)
The TO-263 package is widely preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters. The through-hole version (AP4407GP) are
available for low-profile applications.


Similar Part No. - AP4407GS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4407GS-HF A-POWER-AP4407GS-HF Datasheet
59Kb / 5P
Simple Drive Requirement
AP4407GSP-HF A-POWER-AP4407GSP-HF_14 Datasheet
103Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP4407GS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4407GP A-POWER-AP4407GP Datasheet
223Kb / 6P
Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Lower On-resistance
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
Lower On-resistance, Simple Drive Requirement
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
Lower On-resistance, Simple Drive Requirement
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
Lower On- resistance, Simple Drive Requirement
AP90T03GJ A-POWER-AP90T03GJ Datasheet
212Kb / 6P
Lower On- resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
Lower On-resistance, Simple Drive Requirement
AP13P15GJ-HF A-POWER-AP13P15GJ-HF Datasheet
106Kb / 4P
Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com