Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMF31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMF31
Description  High Intensity SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMF31 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMF31 Datasheet HTML 1Page - Vishay Siliconix VLMF31 Datasheet HTML 2Page - Vishay Siliconix VLMF31 Datasheet HTML 3Page - Vishay Siliconix VLMF31 Datasheet HTML 4Page - Vishay Siliconix VLMF31 Datasheet HTML 5Page - Vishay Siliconix VLMF31 Datasheet HTML 6Page - Vishay Siliconix VLMF31 Datasheet HTML 7Page - Vishay Siliconix VLMF31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 81330
Rev. 1.1, 06-Sep-07
Vishay Semiconductors
VLMF31..
Note:
1) T
amb = 25 °C unless otherwise specified
2) Driving the LED in reverse direction is suitable for a short term application
Note:
1) T
amb = 25 °C unless otherwise specified
2) in one packing unit I
Vmax/IVmin ≤ 1.6
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped on
any one reel.
In order to ensure availability, single wavelength groups will not be
orderable.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
ABSOLUTE MAXIMUM RATINGS1) VLMF31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage2)
VR
5V
DC Forward current
Tamb ≤ 85 °C
IF
30
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
80
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS1) VLMF31.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity2)
IF = 20 mA
VLMF31Q2T1
IV
90
355
mcd
VLMF31R1S2
IV
112
280
mcd
VLMF31S1T1
IV
180
355
mcd
Dominant wavelength
IF = 20 mA
λ
d
598
605
611
nm
Peak wavelength
IF = 20 mA
λ
p
610
nm
Angle of half intensity
IF = 20 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.0
2.6
V
Reverse voltage
IR = 10 µA
VR
5V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (MCD)
STANDARD
OPTIONAL
MIN
MAX
P
1
45
56
2
56
71
Q
1
71
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
280
T
1
280
355
2
355
450
CROSSING TABLE
VISHAY
OSRAM
VLMF31Q2T1
LOT676-Q2T1
VLMF31R1S2
LOT676-R1S2
VLMF31S1T1
LOT676-S1T1
COLOR CLASSIFICATION
GROUP
SOFT ORANGE
DOM. WAVELENGTH (NM)
MIN.
MAX.
1
598
601
2
600
603
3
602
605
4
604
607
5
606
609
6
608
611



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com