Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMF31 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMF31
Description  High Intensity SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMF31 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMF31 Datasheet HTML 1Page - Vishay Siliconix VLMF31 Datasheet HTML 2Page - Vishay Siliconix VLMF31 Datasheet HTML 3Page - Vishay Siliconix VLMF31 Datasheet HTML 4Page - Vishay Siliconix VLMF31 Datasheet HTML 5Page - Vishay Siliconix VLMF31 Datasheet HTML 6Page - Vishay Siliconix VLMF31 Datasheet HTML 7Page - Vishay Siliconix VLMF31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number 81330
Rev. 1.1, 06-Sep-07
www.vishay.com
3
Vishay Semiconductors
VLMF31..
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Forward Current vs. Pulse Length
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
5
10
15
20
25
30
35
40
0
1020
3040
5060
70
80
90 100
T
amb - Ambient Temperature (°C)
16615
10.00
100.00
1000.00
0.01
0.10
1.00
10.00
100.00
tp - Pulse Length (ms)
16620
tp/T = 0.01
0.02
0.05
0.1
0.2
0.5
1
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Relative Luminous Intensity vs. Forward Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
560 570 580 590 600 610 620 630 640 650 660
λ - Wavelength (nm)
95 10885
soft orange
1
10
100
1.0
1.5
2.0
2.5
3.0
V
F - Forward Voltage (V)
95 10878
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
19109
orange



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com