Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-101006 Datasheet(PDF) 27 Page - Amphenol Corporation

Part # MS-101006
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101006 Datasheet(HTML) 27 Page - Amphenol Corporation

Back Button MS-101006 Datasheet HTML 23Page - Amphenol Corporation MS-101006 Datasheet HTML 24Page - Amphenol Corporation MS-101006 Datasheet HTML 25Page - Amphenol Corporation MS-101006 Datasheet HTML 26Page - Amphenol Corporation MS-101006 Datasheet HTML 27Page - Amphenol Corporation MS-101006 Datasheet HTML 28Page - Amphenol Corporation MS-101006 Datasheet HTML 29Page - Amphenol Corporation MS-101006 Datasheet HTML 30Page - Amphenol Corporation MS-101006 Datasheet HTML 31Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
25
Shell Types
Jam nut receptacle
97B - 3107 97B-4107
MS And 97B Series
L1
L3
L4
d 2
e
All dimensions are in mm
22.8
29.2
32
32
36.5
39.9
43.1
46.6
53.4
60.1
66.3
72.5
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.7
3.7
4.3
4.3
4.3
18.2
23
24.6
24.6
27
29.4
31.8
34.9
39.7
44.5
49.2
55.5
28.1
28.1
28.1
37.6
38.6
38.6
38.6
41
41.8
45
45
45
2.8
3.2
3.2
3.2
4
4
4
4
4
4
4
4
25.4
30
32.5
32.5
35
38
41
44.5
50.8
57
63.5
69.9
d
1
Max
Shell
Size
10SL
14S
16S
16
18
20
22
24
28
32
36
40
d
2
H13
e
0.1
l
1
~
l
3
0.2
l
4
0.3
+-
+-
+-
Shell Types
Panel mounting plug connector
97B - 3110X 97B-4110X
All dimensions are in mm
11.2
14.6
15.7
15.7
16.8
18.0
20.0
20.2
22.5
24.7
26.9
29.6
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
5.2
7.5
7.5
7.5
9.0
9.1
9.1
9.1
10.0
10.0
8.3
8.3
36.2
38.9
38.9
48.5
49.3
49.3
49.3
49.6
51.9
51.9
51.9
51.9
24.5
26.8
26.8
32.1
33.7
33.7
33.7
33.7
35.2
35.2
35.2
35.2
4.0
4.8
4.8
4.8
4.8
4.8
4.8
4.8
5.6
5.6
5.6
5.6
18.2
24.6
27.4
27.4
30.8
34.2
37.4
40.9
46.7
53.4
59.6
65.5
31.8
41.3
44.4
44.4
47.6
50.8
57.2
57.2
63.5
69.8
76.2
82.5
27
33
38
38
40
44
51
51
56
62
71
76
G
0.3
L
0.3
M
0.3
P
0.2
R
0.4
Shell
Size
10SL
14S
16S
16
18
20
22
24
28
32
36
40
Min.
Max.
J
Wall Thickness
N
+0.00
-0.15
+-
+-
+-
+-
+-
S
0.3
+-
5/8-24 NEF
3/4-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/4-18 NEF
1 3/8-18 NEF
1 5/8-18 NEF
1.7/8-16UN
2 1/16-20 UNS
2 5/16-16 UN
Thread
in inches
S
G
G
S
R
B
L
M
J
P
N
O-Ring
V
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com