Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-101006 Datasheet(PDF) 33 Page - Amphenol Corporation

Part # MS-101006
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101006 Datasheet(HTML) 33 Page - Amphenol Corporation

Back Button MS-101006 Datasheet HTML 29Page - Amphenol Corporation MS-101006 Datasheet HTML 30Page - Amphenol Corporation MS-101006 Datasheet HTML 31Page - Amphenol Corporation MS-101006 Datasheet HTML 32Page - Amphenol Corporation MS-101006 Datasheet HTML 33Page - Amphenol Corporation MS-101006 Datasheet HTML 34Page - Amphenol Corporation MS-101006 Datasheet HTML 35Page - Amphenol Corporation MS-101006 Datasheet HTML 36Page - Amphenol Corporation MS-101006 Datasheet HTML 37Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
31
MS And 97B Series
B MAX
A
E
D
MS Part number
Shell size
A Thread in inches
B
C
D
E
MS 10S-1-SL
5/8-24
11.11
11.11
11.11
11.11
11.11
11.11
11.11
12.7
12.7
12.7
12.7
11.11
20.7
3.6
3.6
3.6
3.6
3.6
4.4
4.4
4.4
4.4
4.8
4.8
4.8
102
MS 12-12S
3/4- 20
25.4
115
28.6
115
30.2
115
34.1
115
37.3
127
40.4
127
43.6
140
50
197
62.7
197
69
197
56.3
197
MS 14-14S
7/8-20
MS 16-16S
1-20
MS 18
1 1/8-18
MS 20
1 1/4-18
MS 22
1 3/8-18
MS 24
1 1/2-18
MS 28
1 3/4-18
MS 32
2-18
MS 36
2 1/4-18
MS 40
2 1/2-16
All dimensions are in mm
Protective Cap For MS Series
MS-25043
For receptacles Has internal threads and is used on all receptacles. Gasket is provided in the dust cap forming a watertight seal.
Notes :
1.
2.
3.
4.
For protective caps with nylon cord, contact factory.
Standard - Plating is Cad. For alternative finishes, contact factory.
Standard - straight knurling. For diamond knurling on caps, contact factory.
Please add 07 suffix for bigger end link.
MS 25043-10D
MS 25043-12D
MS 25043-14D
MS 25043-16D
MS 25043-18D
MS 25043-20D
MS 25043-22D
MS 25043-24D
MS 25043-28D
MS 25043-32D
MS 25043-36D
MS 25043-40D
B MAX
A
E
D
MS Part number
Shell size
A Thread in inches
B
C
D
E
MS 10S-1-SL
5/8-24
16.67
17.4
4
102
MS 12-12S
3/4- 20
21.4
20.6
4
115
21.4
23.7
4
115
21.4
26.9
4
115
21.4
30
4
115
21.4
33
4.8
127
21.4
36.4
4.8
127
21.4
39.6
4.8
140
21.4
46
4.8
197
21.4
58.7
5.6
197
21.4
65
5.6
197
21.4
52
5.6
197
MS 14-14S
7/8-20
MS 16-16S
1-20
MS 18
1 1/8-18
MS 20
1 1/4-18
MS 22
1 3/8-18
MS 24
1 1/2-18
MS 28
1 3/4-18
MS 32
2-18
MS 36
2 1/4-18
MS 40
2 1/2-16
All dimensions are in mm
Other Accessories
Protective cap for MS series
MS-25042
For plugs
Has external threads and is used on all plugs where a coupling ring is provided.
MS 25042-10D
MS 25042-12D
MS 25042-14D
MS 25042-16D
MS 25042-18D
MS 25042-20D
MS 25042-22D
MS 25042-24D
MS 25042-28D
MS 25042-32D
MS 25042-36D
MS 25042-40D
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com