Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC950 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc MPC950 Datasheet HTML 10Page - Motorola, Inc MPC950 Datasheet HTML 11Page - Motorola, Inc MPC950 Datasheet HTML 12Page - Motorola, Inc MPC950 Datasheet HTML 13Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MPC950 MPC951
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
10
The oscillator circuit is a series resonant circuit as
opposed to the more common parallel resonant circuit, this
eliminates the need for large on–board capacitors. Because
the design is a series resonant design for the optimum
frequency accuracy a series resonant crystal should be used
(see specification table below). Unfortunately most off the
shelf crystals are characterized in a parallel resonant mode.
However a parallel resonant crystal is physically no different
than a series resonant crystal, a parallel resonant crystal is
simply a crystal which has been characterized in its parallel
resonant mode. Therefore in the majority of cases a parallel
specified crystal can be used with the MPC950/951 with just
a minor frequency error due to the actual series resonant
frequency of the parallel resonant specified crystal. Typically
a parallel specified crystal used in a series resonant mode
will exhibit an oscillatory frequency a few hundred ppm lower
than the spec ified value. For mos t proc e s s o r
implementations a few hundred ppm translates into kHz
inaccuracies, a level which does not represent a major issue.
Table 3. Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Series Resonance*
Frequency Tolerance
±75ppm at 25°C
Frequency/Temperature Stability
±150ppm 0 to 70°C
Operating Range
0 to 70
°C
Shunt Capacitance
5–7pF
Equivalent Series Resistance (ESR)
50 to 80
Ω Max
Correlation Drive Level
100
µW
Aging
5ppm/Yr (First 3 Years)
* See accompanying text for series versus parallel resonant
discussion.
The MPC950/951 is a clock driver which was designed to
generate outputs with programmable frequency relationships
and not a synthesizer with a fixed input frequency. As a result
the crystal input frequency is a function of the desired output
frequency. For a design which utilizes the external feedback
to the PLL the selection of the crystal frequency is straight
forward; simply chose a crystal which is equal in frequency to
the fed back signal. To determine the crystal required to
produce the desired output frequency for an application
which utilizes internal feedback the block diagram of
Figure 11 should be used. The P and the M values for the
MPC950/951 are also included in Figure 11. The M values
can be found in the configuration tables included in this
applications section.
Figure 11. PLL Block Diagram
fref
Phase
Detector
Qn
VCO
LPF
÷P
÷N
÷m
N fref +
fQn · N · P
m
fref +
fVCO
m
,fVCO + fQn·N·P
m = 8 (FBsel = ‘1’), 16(FBsel = ‘0’)
P = 1
For the MPC950/951 clock driver, the following will provide
an example of how to determine the crystal frequency
required for a given design.
Given:
Qa
= 160MHz
Qb
= 80MHz
Qc
= 40MHz
Qd
= 40MHz
FBSel = ‘0’
fref +
fQn · N · P
m
From Table 3
fQd = VCO/8 then N = 8 OR fQa = VCO/2 then N = 2
From Figure 11
m = 16 and P = 1
fref +
40 · 8·1
16
+ 20MHz OR
160·2 ·1
16
+ 20MHz
Driving Transmission Lines
The MPC950/951 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 10
Ω the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to application note AN1091 in the
Timing Solutions brochure (BR1333/D).
In most high performance clock networks point–to–point
distribution of signals is the method of choice. In a
point–to–point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC/2. This technique draws a fairly high
level of DC current and thus only a single terminated line can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com