Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736BQ Datasheet(PDF) 6 Page - Analog Devices

Part # AD736BQ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736BQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD736BQ Datasheet HTML 2Page - Analog Devices AD736BQ Datasheet HTML 3Page - Analog Devices AD736BQ Datasheet HTML 4Page - Analog Devices AD736BQ Datasheet HTML 5Page - Analog Devices AD736BQ Datasheet HTML 6Page - Analog Devices AD736BQ Datasheet HTML 7Page - Analog Devices AD736BQ Datasheet HTML 8Page - Analog Devices AD736BQ Datasheet HTML 9Page - Analog Devices AD736BQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CC 1
VIN 2
CF 3
–VS 4
COM
8
+VS
7
OUTPUT
6
CAV
5
AD736
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CC
Coupling Capacitor. If dc coupling is desired at Pin 2, connect a coupling capacitor to this pin. If the coupling at
Pin 2 is ac, connect this pin to ground. Note that this pin is also an input, with an input impedance of 8 kΩ.
Such an input is useful for applications with high input voltages and low supply voltages.
2
VIN
High Input Impedance Pin.
3
CF
Connect an Auxiliary Low-Pass Filter Capacitor from the Output.
4
−VS
Negative Supply Voltage if Dual Supplies Are Used, or Ground if Connected to a Single-Supply Source.
5
CAV
Connect the Averaging Capacitor Here.
6
OUTPUT
DC Output Voltage.
7
+VS
Positive Supply Voltage.
8
COM
Common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com