Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736BQ Datasheet(PDF) 16 Page - Analog Devices

Part # AD736BQ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736BQ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD736BQ Datasheet HTML 12Page - Analog Devices AD736BQ Datasheet HTML 13Page - Analog Devices AD736BQ Datasheet HTML 14Page - Analog Devices AD736BQ Datasheet HTML 15Page - Analog Devices AD736BQ Datasheet HTML 16Page - Analog Devices AD736BQ Datasheet HTML 17Page - Analog Devices AD736BQ Datasheet HTML 18Page - Analog Devices AD736BQ Datasheet HTML 19Page - Analog Devices AD736BQ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 16 of 20
7
+VS
+VS
CAV
33µF
CC
10µF
COM
OUTPUT
(OPTIONAL)
OUTPUT
8
6
5
1
2
3
4
AD736
+
rms
CORE
+
CC
VIN
FULL
WAVE
RECTIFIER
CF
–VS
–VS
+VS
CAV
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
OUTPUT
AMPLIFIER
8kΩ
CF
10µF
1µF
1µF
(OPTIONAL)
+
VIN
OUTPUT
VOS
ADJUST
1MΩ
39MΩ
AC-COUPLED
DC-COUPLED
1MΩ
0.1µF
Figure 27. External Output VOS Adjustment
+VS
CC
10µF
COM
OUTPUT
8
7
6
5
1
2
3
4
AD736
rms
CORE
+
CC
VIN
VIN
FULL
WAVE
RECTIFIER
CF
–VS
CAV
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
OUTPUT
AMPLIFIER
8kΩ
CF
10µF (OPTIONAL)
+
+
1MΩ
0.1µF
33µF
9V
100kΩ
100kΩ
4.7µF
4.7µF
VS
2
VS
2
Figure 28. Battery-Powered Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com