Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC951 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC951
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC951 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC951 Datasheet HTML 1Page - Motorola, Inc MPC951 Datasheet HTML 2Page - Motorola, Inc MPC951 Datasheet HTML 3Page - Motorola, Inc MPC951 Datasheet HTML 4Page - Motorola, Inc MPC951 Datasheet HTML 5Page - Motorola, Inc MPC951 Datasheet HTML 6Page - Motorola, Inc MPC951 Datasheet HTML 7Page - Motorola, Inc MPC951 Datasheet HTML 8Page - Motorola, Inc MPC951 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPC950 MPC951
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
4
FUNCTION TABLE – MPC950/951
INPUTS
OUTPUTS
TOTALS
fsela
fselb
fselc
fseld
Qa(1)
Qb(1)
Qc(2)
Qd(5)
Total 2x
Total x
Total x/2
0
0
0
0
2x
x
x
x
1
8
0
0
0
0
1
2x
x
x
x/2
1
3
5
0
0
1
0
2x
x
x/2
x
1
6
2
0
0
1
1
2x
x
x/2
x/2
1
1
7
0
1
0
0
2x
x/2
x
x
1
7
1
0
1
0
1
2x
x/2
x
x/2
1
2
6
0
1
1
0
2x
x/2
x/2
x
1
3
5
0
1
1
1
2x
x/2
x/2
x/2
1
0
8
1
0
0
0
x
x
x
x
0
9
0
1
0
0
1
x
x
x
x/2
0
4
5
1
0
1
0
x
x
x/2
x
0
7
2
1
0
1
1
x
x
x/2
x/2
0
2
7
1
1
0
0
x
x/2
x
x
0
8
1
1
1
0
1
x
x/2
x
x/2
0
3
6
1
1
1
0
x
x/2
x/2
x
0
6
3
1
1
1
1
x
x/2
x/2
x/2
0
1
8
NOTE: x = fVCO/4; 200MHz < fVCO < 480MHz.
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
LVCMOS Inputs
2.0
3.6
V
VIL
Input LOW Voltage
LVCMOS Inputs
0.8
V
VPP
Peak–to–Peak Input Voltage
PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC–2.0
VCC–0.6
mV
Note 1.
VOH
Output HIGH Voltage
2.4
V
IOH = –40mA, Note 2.
VOL
Output LOW Voltage
0.5
V
IOL = 40mA, Note 2.
IIN
Input Current
±120
µA
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
ICC
Maximum Quiescent Supply Current
90
115
mA
All VCC Pins
ICCPLL
Maximum PLL Supply Current
15
20
mA
VCCA Pin Only
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the “HIGH” input is within
the VCMR range and the input swing lies within the VPP specification.
2. The MPC950/951 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2)transmissionlinesontheincidentedge(seeApplications
Info section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com