Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC951 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC951
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC951 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC951 Datasheet HTML 1Page - Motorola, Inc MPC951 Datasheet HTML 2Page - Motorola, Inc MPC951 Datasheet HTML 3Page - Motorola, Inc MPC951 Datasheet HTML 4Page - Motorola, Inc MPC951 Datasheet HTML 5Page - Motorola, Inc MPC951 Datasheet HTML 6Page - Motorola, Inc MPC951 Datasheet HTML 7Page - Motorola, Inc MPC951 Datasheet HTML 8Page - Motorola, Inc MPC951 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MPC950 MPC951
TIMING SOLUTIONS
BR1333 — Rev 6
5
MOTOROLA
PLL INPUT REFERENCE CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
tr, tf
TCLK Input Rise/Falls
3.0
ns
fref
Reference Input Frequency
Note 1.
Note 1.
MHz
fXtal
Crystal Oscillator Frequency
10
25
MHz
Note 2.
frefDC
Reference Input Duty Cycle
25
75
%
1. Maximum and minimum input reference is limited by the VCO lock range and the feedback divider for the TCLK or PECL_CLK inputs.
2. See Applications Info section for more crystal information.
AC CHARACTERISTICS (TA = 0°C to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
tr, tf
Output Rise/Fall Time
0.10
1.0
ns
0.8 to 2.0V
tpw
Output Duty Cycle
tCYCLE/2–1000
tCYCLE/2+1000
ps
tsk(O)
Output–to–Output Skews
Same Frequencies
200
375
ps
Different Frequencies
Qafmax < 150MHz
Qafmax > 150MHz
325
500
750
fVCO
PLL VCO
Feedback = VCO/4
Lock
Feedback = VCO/8
Range
Feedback = VCO/16
200
200
200
480
480
480
MHz
MPC951
MPC950 or 951
MPC950
fmax
Maximum Output
Qa (
÷2)
Frequency
Qa/Qb (
÷4)
Qb (
÷8)
180
120
60
MHz
tpd
Input to Ext_FB Delay
TCLK
(Note 1.)
PECL_CLK
50
–950
250
–770
400
–600
ps
fref = 50MHz
Feedback=VCO/8
tPLZ,HZ
Output Disable Time
7
ns
tPZL
Output Enable Time
6
ns
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
±100
ps
Note 2.
tlock
Maximum PLL Lock Time
10
ms
1. The specification is guaranteed for the MPC951 only. The tpd window is specified for a 50Mhz input reference clock. The window will
enlarge/reduce proportionally from the minimum limits with an increase/decrease of the input reference clock period.
2. See Applications Info section for more jitter information.
APPLICATIONS INFORMATION
Programming the MPC950/951
The MPC950/951 clock driver outputs can be configured
into several frequency relationships, in addition the external
feedback option of the MPC951 allows for a great deal of
flexibility in establishing unique input to output frequency
relationships. The output dividers for the four output groups
allows the user to configure the outputs into 1:1, 2:1, 4:1 and
4:2:1 frequency ratios. The use of even dividers ensures that
the output duty cycle is always 50%. Table 1 illustrates the
various output configurations, the table describes the outputs
using the VCO frequency as a reference. As an example for a
4:2:1 relationship the Qa outputs would be set at VCO/2, the
Qb’s and Qc’s at VCO/4 and the Qd’s at VCO/8. These
settings will provide output frequencies with a 4:2:1
relationship.
The division settings establish the output relationship, but
one must still ensure that the VCO will be stable given the
frequency of the outputs desired. The feedback frequency
should be used to situate the VCO into a frequency range in
which the PLL will be stable. The design of the PLL is such
that for output frequencies between 25 and 180MHz the
MPC950/951 can generally be configured into a stable
region.
The relationship between the input reference and the
output frequency is also very flexible. Table 2 shows the
multiplication factors between the inputs and outputs for the
MPC950. For external feedback (MPC951) Table 1 can be
used to determine the multiplication factor, there are too
many potential combinations to tabularize the external
feedback condition. Figure 1 through Figure 6 illustrates
several programming possibilities, although not exhaustive it
is representative of the potential applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com