Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT491QTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT491QTC
Description  60V NPN MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT491QTC Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT491QTC Datasheet HTML 1Page - Diodes Incorporated FMMT491QTC Datasheet HTML 2Page - Diodes Incorporated FMMT491QTC Datasheet HTML 3Page - Diodes Incorporated FMMT491QTC Datasheet HTML 4Page - Diodes Incorporated FMMT491QTC Datasheet HTML 5Page - Diodes Incorporated FMMT491QTC Datasheet HTML 6Page - Diodes Incorporated FMMT491QTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT491
Document number: DS33091 Rev. 6 - 2
1 of 7
www.diodes.com
December 2012
© Diodes Incorporated
FMMT491
A Product Line of
Diodes Incorporated
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Feature
•
BVCEO > 60V
•
IC = 1A Continuous Collector Current
•
ICM = 2A Peak Pulse Current
•
RCE(sat) = 195mΩ for a low equivalent On-Resistance
•
500mW Power Dissipation
•
hFE characterised up to 2A for high current gain hold up
•
Complementary PNP Type: FMMT591
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Mechanical Data
•
Case: SOT23
•
Case Material: molded plastic, “Green” molding compound
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight 0.008 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT491TA
AEC-Q101
491
7
8
3,000
FMMT491TC
AEC-Q101
491
13
8
10,000
FMMT491QTA
Automotive
491
7
8
3,000
FMMT491QTC
Automotive
491
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
491 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
491


Similar Part No. - FMMT491QTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491QTC DIODES-FMMT491QTC Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT491QTC DIODES-FMMT491QTC Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT491QTC DIODES-FMMT491QTC Datasheet
380Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR
Rev 2
More results

Similar Description - FMMT491QTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
60V, SOT23, NPN medium power transistor
SEPTEMBER 2005
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
60V, SOT23, NPN medium power transistor
MARCH 2006
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com