Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP32NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP32NM50N
Description  N-channel 500 V, 0.1 Ω typ., 22 A MDmesh™II Power MOSFET in D²PAK, TO-220FP, TO-220, TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP32NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STP32NM50N Datasheet HTML 1Page - STMicroelectronics STP32NM50N Datasheet HTML 2Page - STMicroelectronics STP32NM50N Datasheet HTML 3Page - STMicroelectronics STP32NM50N Datasheet HTML 4Page - STMicroelectronics STP32NM50N Datasheet HTML 5Page - STMicroelectronics STP32NM50N Datasheet HTML 6Page - STMicroelectronics STP32NM50N Datasheet HTML 7Page - STMicroelectronics STP32NM50N Datasheet HTML 8Page - STMicroelectronics STP32NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
August 2012
Doc ID 023436 Rev 1
1/21
21
STB32NM50N, STF32NM50N,
STP32NM50N, STW32NM50N
N-channel 500 V, 0.1
Ω typ., 22 A MDmesh™ II Power MOSFET
in D²PAK, TO-220FP, TO-220, TO-247 packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDS
RDS(on)
max.
ID
PTOT
STB32NM50N
STF32NM50N
STP32NM50N
STW32NM50N
500 V
0.13
Ω
22 A
190 W
35 W
190 W
190 W
1
2
3
TO-247
TO-220
1
2
3
TO-220FP
1
3
TAB
2
D²PAK
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB32NM50N
STF32NM50N
STP32NM50N
STW32NM50N
32NM50N
D2PAK
TO-220FP
TO-220
TO-247
Tape and reel
Tube
Tube
Tube
www.st.com


Similar Part No. - STP32NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
01-Aug-2012
logo
Inchange Semiconductor ...
STP32NM50N ISC-STP32NM50N Datasheet
275Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP32NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
01-Aug-2012
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com