Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4871M/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871M/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871M/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4871M/NOPB Datasheet HTML 1Page - Texas Instruments LM4871M/NOPB Datasheet HTML 2Page - Texas Instruments LM4871M/NOPB Datasheet HTML 3Page - Texas Instruments LM4871M/NOPB Datasheet HTML 4Page - Texas Instruments LM4871M/NOPB Datasheet HTML 5Page - Texas Instruments LM4871M/NOPB Datasheet HTML 6Page - Texas Instruments LM4871M/NOPB Datasheet HTML 7Page - Texas Instruments LM4871M/NOPB Datasheet HTML 8Page - Texas Instruments LM4871M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4871
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD = 5V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4871
Symbol
Parameter
Conditions
Units
Min(3)
Typical(4)
Limit(3)
(Limits)
Po
Output Power
THD = 1%, f = 1kHz
LM4871LD, RL = 3Ω
(5)
2.38
W
LM4871LD, RL = 4Ω
(5)
2
LM4871, RL = 8Ω
(5)
1.2
THD+N = 10%, f = 1kHz
LM4871LD, RL = 3Ω
(5)
3
W
LM4871LD, RL = 4Ω
(5)
2.5
LM4871, RL = 8Ω
(5)
1.5
THD+N
Total Harmonic
20Hz
≤ f ≤ 20kHz, AVD = 2
Distortion+Noise
LM4871LD, RL = 4Ω, P O = 1.6W
0.13
%
LM4871, RL = 8Ω, P O = 1W
0.25
PSRR
Power Supply Rejection Ratio
VDD = 4.9V to 5.1V
60
dB
(5)
When driving 3
Ω or 4Ω loads from a 5V supply, the LM4871LD must be mounted to a circuit board.
External Components Description
(Figure 3)
Components
Functional Description
1.
Ri
Inverting input resistance that sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass filter
with Ci at fC= 1/(2π RiCi).
2.
Ci
Input coupling capacitor that blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fc = 1/(2π RiCi). Refer to the section, Proper Selection of External Components, for an explanation of how to
determine the value of Ci.
3.
Rf
Feedback resistance that sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor that provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor that provides half-supply filtering. Refer to the section, Proper Selection of External Components,
for information concerning proper placement and selection of CB.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com