Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4871M/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871M/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871M/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4871M/NOPB Datasheet HTML 10Page - Texas Instruments LM4871M/NOPB Datasheet HTML 11Page - Texas Instruments LM4871M/NOPB Datasheet HTML 12Page - Texas Instruments LM4871M/NOPB Datasheet HTML 13Page - Texas Instruments LM4871M/NOPB Datasheet HTML 14Page - Texas Instruments LM4871M/NOPB Datasheet HTML 15Page - Texas Instruments LM4871M/NOPB Datasheet HTML 16Page - Texas Instruments LM4871M/NOPB Datasheet HTML 17Page - Texas Instruments LM4871M/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM4871
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
Die/Wafer Characteristics
Fabrication Attributes
General Die Information
Physical Die Identification
LM4871C
Bond Pad Opening Size (min)
102µm x 102µm
Die Step
C
Bond Pad Metalization
0.5% COPPER_BAL.
ALUMINUM
Physical Attributes
Passivation
NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
1372µm x 1758µm
Back Side Connection
GND
54mils x 69mils
Thickness
406µm Nominal
Min Pitch
164µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (C - Step)
(Referenced to die center, coordinates in µm) NC = No Connection
X/Y COORDINATES
PAD SIZE
SIGNAL NAME
PAD# NUMBER
X
Y
X
Y
SHUTDOWN
1
-559
541
102
x
102
BYPASS
2
-559
376
102
x
102
NC
3
-559
-45
102
x
210
INPUT +
4
-559
-248
102
x
102
INPUT -
5
-559
-486
102
x
102
GND
6
-476
-725
102
x
102
VOUT 1
7
-135
-598
102
x
210
GND
8
554
-686
102
x
102
VDD
9
554
-4
102
x
210
GND
10
554
568
102
x
102
VOUT 2
11
-135
598
102
x
210
GND
12
-473
752
102
x
102
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com