Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPIC2117P Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPIC2117P
Description  SINGLE CHANNEL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2117P Datasheet(HTML) 4 Page - Motorola, Inc

  MPIC2117P Datasheet HTML 1Page - Motorola, Inc MPIC2117P Datasheet HTML 2Page - Motorola, Inc MPIC2117P Datasheet HTML 3Page - Motorola, Inc MPIC2117P Datasheet HTML 4Page - Motorola, Inc MPIC2117P Datasheet HTML 5Page - Motorola, Inc MPIC2117P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPIC2117
4
Motorola Power Products Division Advanced Data
LEAD DEFINITIONS
Symbol
Lead Description
VCC
Logic Supply
IN
Logic Input for High Side Gate Driver Outputs (HO), In Phase with HO
COM
Logic Ground
VB
High Side Floating Supply
HO
High Side Gate Drive Output
VS
High Side Floating Supply Return
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform
Definitions
HO
IN
HO
IN
10%
10%
90%
90%
ton
tr
toff
tf
50%
50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com