Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPIC2117P Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPIC2117P
Description  SINGLE CHANNEL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2117P Datasheet(HTML) 3 Page - Motorola, Inc

  MPIC2117P Datasheet HTML 1Page - Motorola, Inc MPIC2117P Datasheet HTML 2Page - Motorola, Inc MPIC2117P Datasheet HTML 3Page - Motorola, Inc MPIC2117P Datasheet HTML 4Page - Motorola, Inc MPIC2117P Datasheet HTML 5Page - Motorola, Inc MPIC2117P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPIC2117
3
Motorola Power Products Division Advanced Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
STATIC ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS) = 15 V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters
are referenced to COM and are applicable to the respective output leads: HO or LO.
Logic “1” Input Voltage @ VCC = 10 V
VIH
6.4
–
–
VDC
Logic “1” Input Voltage @ VCC = 15 V
VIH
9.5
–
–
DC
Logic “1” Input Voltage @ VCC = 20 V
VIH
12.6
–
–
Logic “0” Input Voltage @ VCC = 10 V
VIL
–
–
3.8
Logic “0” Input Voltage @ VCC = 15 V
VIL
–
–
6.0
Logic “0” Input Voltage @ VCC = 20 V
VIL
–
–
8.3
High Level Output Voltage, VBS–VO @ VIN = VIH, IO = 0 A
VOH
–
–
100
mV
Low Level Output Voltage, VO @ VIN = VIL, IO = 0 A
VOL
–
–
100
Offset Supply Leakage Current @ VB = VS = 600 V
ILK
–
–
50
µA
Quiescent VBS Supply Current @ VIN = 0 V or VCC
IQBS
–
50
–
Quiescent VCC Supply Current @ VIN = 0 V or VCC
IQCC
–
70
–
Logic “1” Input Bias Current @ VIN = 15 V
IIN+
–
20
40
Logic “0” Input Bias Current @ VIN = 0 V
IIN–
–
–
1.0
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
–
8.5
–
V
VBS Supply Undervoltage Negative Going Threshold
VBSUV–
–
8.2
–
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
–
8.6
–
VCC Supply Undervoltage Negative Going Threshold
VCCUV–
–
8.2
–
Output High Short Circuit Pulsed Current
@ VOUT = 0 V, VIN = 15 V, PW ≤ 10 µs
IO+
200
250
–
mA
Output Low Short Circuit Pulsed Current
@ VOUT = 15 V, VIN = 0 V, PW ≤ 10 µs
IO–
420
500
–
DYNAMIC ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS) = 15 V unless otherwise specified
Turn–On Propagation Delay @ VS = 0 V
ton
–
125
–
ns
Turn–Off Propagation Delay @ VS = 600 V
toff
–
105
–
Turn–On Rise Time @ CL = 1000 pF
tr
–
80
–
Turn–Off Fall Time @ CL = 1000 pF
tf
–
40
–
TYPICAL CONNECTION
IN
VCC
VCC
IN
COM
VS
HO
VB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com