Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS332AR
Description  MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS332AR Datasheet HTML 5Page - STMicroelectronics LIS332AR Datasheet HTML 6Page - STMicroelectronics LIS332AR Datasheet HTML 7Page - STMicroelectronics LIS332AR Datasheet HTML 8Page - STMicroelectronics LIS332AR Datasheet HTML 9Page - STMicroelectronics LIS332AR Datasheet HTML 10Page - STMicroelectronics LIS332AR Datasheet HTML 11Page - STMicroelectronics LIS332AR Datasheet HTML 12Page - STMicroelectronics LIS332AR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LIS332AR
Functionality
Doc ID 16931 Rev 1
9/14
5
Functionality
The LIS332AR is a 3-axis ultracompact, low-power, analog output accelerometer packaged
in an LGA package. The complete device includes a sensing element and an IC interface
capable of taking information from the sensing element and providing an analog signal to
the external world.
5.1
Sensing element
A proprietary process is used to create a surface micro-machined accelerometer. The
technology allows the creation of suspended silicon structures which are attached to the
substrate at several points called “anchors” and are free to move in the direction of the
sensed acceleration. To be compatible with traditional packaging techniques, a cap is
placed on top of the sensing element to prevent blocking of the moving parts during the
moulding phase of plastic encapsulation.
When an acceleration is applied to the sensor, the proof mass shifts from its nominal
position, causing an imbalance in the capacitive half-bridge. This imbalance is measured
using charge integration in response to a voltage pulse applied to the sense capacitor.
At steady state, the nominal value of the capacitors are a few pF, and when an acceleration
is applied the maximum variation of the capacitive load is in the fF range.
5.2
IC interface
The complete signal processing utilizes a fully differential structure, while the final stage
converts the differential signal into a single-ended signal to be compatible with external
applications.
The first stage is a low-noise capacitive amplifier that implements a correlated double
sampling (CDS) at its output to cancel the offset and the 1/f noise. The signal produced is
then sent to three different S&Hs, one for each channel, and made available to the outside.
All the analog parameters (output offset voltage and sensitivity) are ratiometric to the
voltage supply. Increasing or decreasing the voltage supply, the sensitivity and the offset
increases or decreases linearly. This feature provides for cancellation of the error related to
the voltage supply along an analog-to-digital conversion chain.
5.3
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-
g level (Voff). The trimming
values are stored in the device in a non-volatile structure. Any time the device is turned on,
the trimming parameters are downloaded to the registers to be employed during normal
operation. This allows the user to use the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com