Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS332AR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS332AR
Description  MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS332AR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS332AR Datasheet HTML 6Page - STMicroelectronics LIS332AR Datasheet HTML 7Page - STMicroelectronics LIS332AR Datasheet HTML 8Page - STMicroelectronics LIS332AR Datasheet HTML 9Page - STMicroelectronics LIS332AR Datasheet HTML 10Page - STMicroelectronics LIS332AR Datasheet HTML 11Page - STMicroelectronics LIS332AR Datasheet HTML 12Page - STMicroelectronics LIS332AR Datasheet HTML 13Page - STMicroelectronics LIS332AR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LIS332AR
Application hints
Doc ID 16931 Rev 1
11/14
6.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHs and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com
6.2
Output response vs. orientation
Figure 4.
Output response vs. orientation
Figure 4 refers to the LIS332AR powered at 3 V.
Table 6.
Filter capacitor selection, CLOAD (x,y,z)
Cut-off frequency
Capacitor value
1 Hz
5
µF
10 Hz
0.5
µF
20 Hz
250 nF
50 Hz
100 nF
100 Hz
50 nF
200 Hz
25 nF
500 Hz
10 nF
Earth’s Surface
X=1.5V (0g)
Y=1.5V (0g)
Z=0.9V (-1g)
X=1.5V (0g)
Y=1.5V (0g)
Z=2.1V (+1g)
TOP VIEW
X=1.5V (0g)
Y=2.1V (+1g)
X=1.5V (0g)
Y=0.9V (-1g)
X=0.9V (-1g)
Y=1.5V (0g)
X=2.1V (+1g)
Y=1.5V (0g)
Z=1.5V (0g)
Z=1.5V (0g)
Z=1.5V (0g)
Z=1.5V (0g)
Top
Bottom
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com