Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4512AC Datasheet(PDF) 5 Page - Analog Power

Part # AM4512AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512AC Datasheet(HTML) 5 Page - Analog Power

  AM4512AC Datasheet HTML 1Page - Analog Power AM4512AC Datasheet HTML 2Page - Analog Power AM4512AC Datasheet HTML 3Page - Analog Power AM4512AC Datasheet HTML 4Page - Analog Power AM4512AC Datasheet HTML 5Page - Analog Power AM4512AC Datasheet HTML 6Page - Analog Power AM4512AC Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
AM4512AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4512A_F
0
10
20
30
0
12345
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-4.0V
-5.0V
-6.0V
0
3
6
9
12
15
11.522.533.544.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
-4.5V
-6.0V
-10V
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0
2
4
6
8
10
02
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -5.7A
-15V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
TJ Juncation Temperature (C)
VGS = 10V
ID = 5.7A
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 3. On Resistance Vs Vgs Voltage
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-Resistance Variation with Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com