Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4512AC Datasheet(PDF) 6 Page - Analog Power

Part # AM4512AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512AC Datasheet(HTML) 6 Page - Analog Power

  AM4512AC Datasheet HTML 1Page - Analog Power AM4512AC Datasheet HTML 2Page - Analog Power AM4512AC Datasheet HTML 3Page - Analog Power AM4512AC Datasheet HTML 4Page - Analog Power AM4512AC Datasheet HTML 5Page - Analog Power AM4512AC Datasheet HTML 6Page - Analog Power AM4512AC Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
AM4512AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4512A_F
0.0001
0.001
0.01
0.1
1
10
100
00.2
0.4
0.6
0.81
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS =0V
TA = 125
oC
25
oC
0
0.05
0.1
0.15
0.2
0.25
246
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -5.7A
TA = 25oC
1
1.2
1.4
1.6
1.8
2
2.2
-50 -25
0
25
50
75
100 125 150 175
TA, AMBIENT TEMPERATURE (
oC)
VDS = VGS
ID = -250mA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RqJA = 125C/W
TA = 25C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , TIME (sec)
Rq JA(t) = r(t) + Rq J A
Rq J A = 125 oC/W
TJ - TA = P * Rq JA(t)
Duty Cycle, D = t1 / t2
P (pk)
t1
t2
SINGLEPULS E
0.01
0.02
0.05
0.1
0.2
D =0.5
Typical Electrical Characteristics (P-Channel)
Figure 7. Transfer Characteristics
Figure 8. On-Resistance with Gate to Source Voltage
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
Figure 11. Transient Thermal Response Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com