Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7773 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 10Page - OSRAM GmbH SFH7773 Datasheet HTML 11Page - OSRAM GmbH SFH7773 Datasheet HTML 12Page - OSRAM GmbH SFH7773 Datasheet HTML 13Page - OSRAM GmbH SFH7773 Datasheet HTML 14Page - OSRAM GmbH SFH7773 Datasheet HTML 15Page - OSRAM GmbH SFH7773 Datasheet HTML 16Page - OSRAM GmbH SFH7773 Datasheet HTML 17Page - OSRAM GmbH SFH7773 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PS_DATA: Proximity measurement data (8bit, logarithmic scale)
R-Register 0x8F
Bit
7
6
5
4
3
2
1
0
data
default
00000000
INT_SET: Interrupt register / INT output.
In bit #6 and #5 the trigger source for the last interrupt event is stated. Data from status register (0x8E) are used. In latched mode
(set by bit #3) this remains unchanged until the interrupt register has been read by the MCU. Afterwards the bits are reset
automatically to “0” by the SFH 7773. In unlatched mode it is updated after every measurement. The output polarity of the interrupt
function can be changed by bit #2. The interrupt can be triggered by an ambient light sensor event and / or by a proximity sensor
event (bit #1 and bit #0). Z-state means the output is in high-impedance state.
R/W-Register 0x92
Bit
7
6
5
4
3
2
1
0
not
used
Interrupt
trigger source
not
used
Output mode
Output
polarity
Interrupt mode
(triggered by..)
R/W
not
used
R only
not
used
R/W
R/W
R/W
default
X
00
X
1
0
00
00 ALS
0 latched
0 active L
00 Z state
01 PS
1 not latched
1 active H
01 only PS
10 only ALS
No other values
allowed
11 PS and ALS
PS_THR LED: Threshold level for proximity sensor
RW-Register 0x93
Bit
7
6
5
4
3
2
1
0
data
default
11111111
ALS UP_THR LSB: Upper threshold level for ambient light sensor (LSB)
RW-Register 0x96
Bit
7
6
5
4
3
2
1
0
LSB data (upper threshold)
default
11111111
ALS UP_THR MSB: Upper threshold level for ambient light sensor (MSB)
RW-Register 0x97
Bit
7
6
5
4
3
2
1
0
MSB data (upper threshold)
default
11111111
ALS_LO_THR LSB: Lower threshold level for ambient light sensor (LSB)
RW-Register 0x98
Bit
7
6
5
4
3
2
1
0
LSB data (upper threshold)
default
11111111
ALS_LO_THR MSB: Lower threshold level for ambient light sensor (MSB)
RW-Register 0x99
Bit
7
6
5
4
3
2
1
0
LSB data (upper threshold)
default
11111111
December 12, 2011
page 14 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com