Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7773 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 14Page - OSRAM GmbH SFH7773 Datasheet HTML 15Page - OSRAM GmbH SFH7773 Datasheet HTML 16Page - OSRAM GmbH SFH7773 Datasheet HTML 17Page - OSRAM GmbH SFH7773 Datasheet HTML 18Page - OSRAM GmbH SFH7773 Datasheet HTML 19Page - OSRAM GmbH SFH7773 Datasheet HTML 20Page - OSRAM GmbH SFH7773 Datasheet HTML 21Page - OSRAM GmbH SFH7773 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
the SFH 7773 and provides the necessary
peak burst current. Typ. values are 100 nF ||
4.7 µF at the VLED side (for up to 200 mA
burst current) and 100 nF || 1.0 µF for the
VDD circuit (ASIC supply). The 4.7 µF
capacitor can be reduced if the LED burst
circuit is reduced to lower levels, e.g. 50
mA.
Fig. 18 illustrates an arrangement for a
single sided pcb layout. Using a double
sided pcb and placing the capacitors directly
beneath the resp. pin is also recommended.
The separation/decoupling of the VDD / VLED
via separate ground pins provide the
necessary stability during the high emitter
current bursts (up to 200 mA peak, 667
kHz). Additionally it ensures the stability of
the VDD circuit during the LED current bursts.
Additionally the capacitors are necessary to
isolate the sensor from other possible noise
sources on the same power line and
guarantee a low noise operation. This is
especially
important
in
a
laboratory
environment, if regulated power supplies are
used, which often have poor pulse current
capabilities – see recommendation above.
Fig. 19 illustrates a recommendation for
implementing the SFH 7773 into a mobile
phone environment.
The SCL, SDA and INT lines require pull-up
resistors to the logic voltage (VIO). The limits
for the logic levels are according to the I2C-
bus specification (1.6 V to 2.0 V) [2]. The
recommended value for Rp is 560 Ω (up to
e.g. 10 kΩ). Please note the actual value of
the pull-up resistor depends - among other
issues
-
on
the
total
load
and
communication speed of the I2C-bus.
Fig. 19: Recommended implementation into
a mobile phone environment.
20: Recommended soldering pad design.
Fig. 20 presents a reference soldering-pad
design. Please refer to the SFH 7773
datasheet
for
the
most
up-to-date
recommendation.
11. Device Handling and Cleaning
In order to protect the semiconductor chips
from environmental influences, e.g. in the
soldering
environment,
a
tape
based
encapsulant is used. Since this tape is very
elastic and soft, mechanical stress or
damage to the tape should be avoided
during processing/assembly. The tape must
not be removed under any circumstances.
Excessive force applied to the cover (tape)
can lead to a spontaneous failure of the
component (damage to the contacts). To
prevent damaging or puncturing the tape,
the use of all types of sharp objects should
be avoided both in the laboratory and
factory environments.
Cleaning
In general, OSRAM Opto Semiconductors
does not recommend a wet cleaning
process
for components like the SFH 7773
as the package is not hermetically sealed.
Due to the open design, all kind of cleaning
liquids can infiltrate the package and cause
December 12, 2011
page 18 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com