Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1366DACTC Datasheet(PDF) 18 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button ZXLD1366DACTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 7 - 2
18 of 30
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Driving the ADJ Input via Open Collector Transistor
The recommended method of driving the ADJ pin and controlling the amplitude of the PWM waveform is to use a small NPN switching
transistor as shown below:
This scheme uses the 50k resistor between the ADJ pin and the internal voltage reference as a pull-up resistor for the external transistor.
Driving the ADJ Input from a Microcontroller
Another possibility is to drive the device from the open drain output of a microcontroller. The diagram below shows one method of doing this:
If the NMOS transistor within the microcontroller has high Gate / Drain capacitance, this arrangement can inject a negative spike into ADJ
input of the ZXLD1366 and cause erratic operation but the addition of a Schottky clamp diode (eg Diodes Inc. SD103CWS) to ground and
inclusion of a series resistor (3.3k) will prevent this. See the section on PWM dimming for more details of the various modes of control using
high frequency and low frequency PWM signals.
Shutdown Mode
Taking the ADJ pin to a voltage below 0.2V for more than approximately 100
μs will turn off the output and supply current to a low standby
level of 65
μA nominal.
Note that the ADJ pin is not a logic input. Taking the ADJ pin to a voltage above VREF will increase output current above the 100% nominal
average value. (See page 18 graphs for details).
PWM
GND
ZXLD1366
ADJ
GND
GND
ZXLD1366
ADJ
MCU
3.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com