Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1366DACTC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1366DACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 7 - 2
25 of 30
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Figure. 8 Suggested Layout for SO-8EP Package
Vias ensure an effective path to the ground plane for the heat flow therefore reducing the thermal impedance between junction and ambient
temperature. Diodes came to the conclusion that the compromise is reached by using more than 10 vias with 1mm of diameter and 0.5 hole
size.
Finally the same scheme in Figure 7 (without the exposed paddle) can be usde for the TSOT25 package guaranteeing an effective thermal
path.
Thermal Compensation of Output Current
High luminance LEDs often need to be supplied with a temperature compensated current in order to maintain stable and reliable operation at
all drive levels. The LEDs are usually mounted remotely from the device so, for this reason, the temperature coefficients of the internal
circuits for the ZXLD1366 have been optimized to minimize the change in output current when no compensation is employed. If output
current compensation is required, it is possible to use an external temperature sensing network normally using Negative Temperature
Coefficient (NTC) thermistors and/or diodes, mounted very close to the LED(s). The output of the sensing network can be used to drive the
ADJ pin in order to reduce output current with increasing temperature.
Layout Considerations
LX Pin
The LX pin of the device is a fast switching node, so PCB tracks should be kept as short as possible. To minimize ground 'bounce', the
ground pin of the device should be soldered directly to the ground plane.
Coil and Decoupling Capacitors and Current Sense Resistor
It is particularly important to mount the coil and the input decoupling capacitor as close to the device pins as possible to minimize parasitic
resistance and inductance, which will degrade efficiency. It is also important to minimize any track resistance in series with current sense
resistor RS. Its best to connect VIN directly to one end of RS and ISENSE directly to the opposite end of RS with no other currents flowing in
these tracks. It is important that the cathode current of the Schottky diode does not flow in a track between RS and VIN as this may give an
apparent higher measure of current than is actual because of track resistance.
ADJ Pin
The ADJ pin is a high impedance input for voltages up to 1.35V so, when left floating, PCB tracks to this pin should be as short as possible
to reduce noise pickup. A 100nF capacitor from the ADJ pin to ground will reduce frequency modulation of the output under these
conditions. An additional series 3.3k
Ω resistor can also be used when driving the ADJ pin from an external circuit (see next page). This
resistor will provide filtering for low frequency noise and provide protection against high voltage transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com