Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142RHS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 142RHS
Description  Aluminum Capacitors Radial High Temperature Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

142RHS Datasheet(HTML) 2 Page - Vishay Siliconix

  142RHS Datasheet HTML 1Page - Vishay Siliconix 142RHS Datasheet HTML 2Page - Vishay Siliconix 142RHS Datasheet HTML 3Page - Vishay Siliconix 142RHS Datasheet HTML 4Page - Vishay Siliconix 142RHS Datasheet HTML 5Page - Vishay Siliconix 142RHS Datasheet HTML 6Page - Vishay Siliconix 142RHS Datasheet HTML 7Page - Vishay Siliconix 142RHS Datasheet HTML 8Page - Vishay Siliconix 142RHS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
142 RHS
www.vishay.com
Vishay BCcomponents
Revision: 23-Jul-12
2
Document Number: 28402
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
10
16
25
35
50
63
100
1.0


5 x 11
2.2


5 x 11
4.7


5 x 11
6.3 x 11
10


5 x 11
8 x 12
22


5 x 11
6.3 x 11
8 x 12
33


6.3 x 11
6.3 x 11
10 x 12
47

5 x 11
5 x 11
8 x 12
8 x 12
10 x 16
100
5 x 11
6.3 x 11
6.3 x 11
10 x 12
10 x 12
10 x 20
220
6.3 x 11
8 x 12
8 x 12
10 x 16
10 x 16
12.5 x 25
330
6.3 x 11
8 x 12
10 x 12
10 x 16
10 x 20
16 x 25
470
8 x 12
10 x 12
10 x 12
10 x 16
12.5 x 20
12.5 x 20
16 x 31
1000
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
18 x 40
2200
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 35
18 x 40
-
3300
12.5 x 25
16 x 25
16 x 31
18 x 35
-
-
4700
12.5 x 25
16 x 25
16 x 31
18 x 35
-
-
-
6800
16 x 25
16 x 31
18 x 35
-
-
-
-
10 000
16 x 31
18 x 31
-
-
-
-
-
22 000
18 x 40
-
-
-
-
-
-
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
350
400
450
1.0
5 x 11
5 x 11
6.3 x 11
6.3 x 11
8 x 12
2.2
6.3 x 11
6.3 x 11
8 x 12
8 x 12
10 x 12
4.7
8 x 12
8 x 12
10 x 12
10 x 12
10 x 16
10
10 x 12
10 x 12
10 x 16
10 x 20
12.5 x 20
22
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 20
33
12.5 x 20

16 x 25
47
12.5 x 20
12.5 x 25
16 x 25
16 x 31
16 x 35
100
16 x 25
16 x 31
18 x 35
18 x 40
-
220
18 x 35
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com