Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142RHS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 142RHS
Description  Aluminum Capacitors Radial High Temperature Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

142RHS Datasheet(HTML) 3 Page - Vishay Siliconix

  142RHS Datasheet HTML 1Page - Vishay Siliconix 142RHS Datasheet HTML 2Page - Vishay Siliconix 142RHS Datasheet HTML 3Page - Vishay Siliconix 142RHS Datasheet HTML 4Page - Vishay Siliconix 142RHS Datasheet HTML 5Page - Vishay Siliconix 142RHS Datasheet HTML 6Page - Vishay Siliconix 142RHS Datasheet HTML 7Page - Vishay Siliconix 142RHS Datasheet HTML 8Page - Vishay Siliconix 142RHS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
142 RHS
www.vishay.com
Vishay BCcomponents
Revision: 23-Jul-12
3
Document Number: 28402
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA
Long leads
Fig. 3 - Form CB
Cut leads
Fig. 4 - Form TNA, Form TFA
Taped in box (ammopack), straight leads
Fig. 5 - Form TFA
Taped in box (ammopack), formed leads
Table 1
Note
• For detailed tape dimensions please refer to packaging information: www.vishay.com/doc?28360
Ø D
Ø d
F
15
min.
5
min.
L
Ø D
Ø d
4 +1
0
F
+
-
Dimensions of lead space F see Table 2
Case Ø D = 5 mm to 8 mm;
Lead space F is 5 mm
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12.5
2.0 ± 0.5
 0.4
5000
-
2000
6.3 x 11
12
0.5
6.8
12.5
2.5 ± 0.5
 0.6
5000
-
2000
8 x 12
13
0.6
8.5
13.0
3.5 ± 0.5
 1.1
5000
-
1000
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
 1.6
3000
1000
500
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
 1.9
2500
1000
500
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
 2.2
2000
800
500
12.5 x 20
17
0.6
13.0
22.0
5.0 ± 0.5
 4.0
1500
400
300
12.5 x 25
18
0.6
13.0
27.0
5.0 ± 0.5
 5.0
1000
400
300
16 x 20
19a
0.8
16.5
22.0
7.5 ± 0.5
 6.0
1000
200
200
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
 8.0
750
200
200
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
 9.0
600
200
200
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
 11.0
500
200
-
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
 12.5
400
150
-
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
 14.5
400
150
-
18 x 40
23
0.8
18.5
42.0
7.5 ± 0.5
 16.0
400
150
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com