Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ELM
Description  Aluminum Capacitors Axial Capacitors Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ELM Datasheet(HTML) 5 Page - Vishay Siliconix

  ELM Datasheet HTML 1Page - Vishay Siliconix ELM Datasheet HTML 2Page - Vishay Siliconix ELM Datasheet HTML 3Page - Vishay Siliconix ELM Datasheet HTML 4Page - Vishay Siliconix ELM Datasheet HTML 5Page - Vishay Siliconix ELM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Not for New Design
ELM/EBM
www.vishay.com
Vishay Roederstein
Revision: 12-Dec-12
5
Document Number: 25112
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN 130300
subclause 4.13
TA = Upper cat. temp.; UR applied
6.3 V
 U
R  100 V: 1000 h
TA = 85 °C; UR applied
UR = 6.3 V: - 40 % C/C  25 %
UR > 6.3 V: - 30 % C/C  30 %
tan
  1.5 x spec. limit
Z
 3 x spec. limit
IL (300 s)  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Ta = 105 °C; UR and IR applied;
6.3 V
 U
R  100 V
Cases 4.5 x 11: 500 h
Cases 6 x 10 to 10 x 25: 750 h
Ta =85°C; UR and IR applied
UR = 6.3 V: - 50 % C/C  45 %
UR > 6.3 V: - 45 % C/C  45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL (300 s)  spec. limit
No short circuit, no open circuit
Total failure percentage:
1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN 130300
subclause 4.17
Ta = Upper cat. temp.; no voltage applied
6.3 V
 U
R  100 V
Cases 4.5 x 11 to 10 x 25: 500 h
After test: UR to be applied for 30 min
24 h to 48 h before measurement
UR = 6.3 V: - 40 % C/C  25 %
UR > 6.3 V: - 30 % C/C  30 %
tan
  1.5 x spec. limit
Z
 3 x spec. limit
IL (300 s)  2 x spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com