Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ELM
Description  Aluminum Capacitors Axial Capacitors Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ELM Datasheet(HTML) 1 Page - Vishay Siliconix

  ELM Datasheet HTML 1Page - Vishay Siliconix ELM Datasheet HTML 2Page - Vishay Siliconix ELM Datasheet HTML 3Page - Vishay Siliconix ELM Datasheet HTML 4Page - Vishay Siliconix ELM Datasheet HTML 5Page - Vishay Siliconix ELM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Not for New Design
ELM/EBM
www.vishay.com
Vishay Roederstein
Revision: 12-Dec-12
1
Document Number: 25112
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Axial Capacitors Style
FEATURES
• Polarized aluminum electrolytic capacitors
• High CU product
• Miniature size
• Charge/discharge proof
• High ripple current capability
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General
purpose, industrial
electronics, audio/video
systems
• Coupling, smoothing, filtering, buffering and timing
• Portable and mobile units
• Vibration and shock resistant
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
4.5 x 10
6 x 10 to 10 x 25
Rated capacitance range CR
μF
1.0 to 2200
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 100
Category temperature range
°C
- 40 to + 85
Endurance test at upper category temp.
h
1000
Useful life at 105 °C and IR applied
h
500
750
Useful life at 85 °C and IR applied
h
2500
Useful life at 40 °C and IR applied
h
70 000
Shelf life at (0 V, upper category temperature)
h
500
Failure rate (0.8 UR, 40 °C)
10-9/h
 130
Based on sectional specification
IEC 60384-4/EN 130300
Based on detailed specifications
Similar to CECC 30301-044,
similar to DIN 45910 part 126, without quality assessment
Climatic category IEC 68068
40/085/56 GPF
SELECTION CHART FOR CR, UR > 100 V, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10
16
25
40
50
63
100
1.0


4.5 x 11
2.2


4.5 x 11
4.7


4.5 x 11
10
ELM


4.5 x 11
6 x 10
22

4.5 x 11
6 x 10
6.5 x 18
33

4.5 x 11
--
-
-
47

4.5 x 11
6 x 10
6.5 x 18
8 x 18
100
4.5 x 11
6 x 10
6.5 x 18
8 x 18
10 x 25
220
6 x 10
6.5 x 18
10 x 18
EBM
10 x 25
-
470
6.5 x 18
8 x 18
10 x 18
10 x 25
-
-
-
680
8 x 18
10 x 18
10 x 25
-
-
-
-
1000
8 x 18
10 x 18
10 x 25
-
-
-
-
-
1500
10 x 18
10 x 25
-
-
-
-
-
-
2200
10 X 25
-
-
-
-
-
-
-


Similar Part No. - ELM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM-1081SURWA ETC1-ELM-1081SURWA Datasheet
145Kb / 5P
The ELM-1081 series are a large emitting area ED sources configured in a 40 dots 5*8 matrix array
logo
Everlight Electronics C...
ELM-1081SURWA EVERLIGHT-ELM-1081SURWA Datasheet
197Kb / 7P
1.4 inch 5*8 Dot Matrix Displays
logo
List of Unclassifed Man...
ELM-1081SURWA-S530-A2 ETC1-ELM-1081SURWA-S530-A2 Datasheet
145Kb / 5P
The ELM-1081 series are a large emitting area ED sources configured in a 40 dots 5*8 matrix array
logo
Everlight Electronics C...
ELM-1081SURWA-S530-A3 EVERLIGHT-ELM-1081SURWA-S530-A3 Datasheet
197Kb / 7P
1.4 inch 5*8 Dot Matrix Displays
logo
List of Unclassifed Man...
ELM-1081SURWA/S530-A2 ETC1-ELM-1081SURWA/S530-A2 Datasheet
145Kb / 5P
The ELM-1081 series are a large emitting area ED sources configured in a 40 dots 5*8 matrix array
More results

Similar Description - ELM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EKA VISHAY-EKA Datasheet
109Kb / 8P
Aluminum Capacitors Radial Style
24-Jun-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
Aluminum Capacitors Radial Style
24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
Aluminum Capacitors Radial Style
15-Jul-08
EKF VISHAY-EKF Datasheet
89Kb / 5P
Aluminum Capacitors Radial Style
13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
Aluminum Capacitors Radial Style
24-Jun-08
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
Aluminum Capacitors Axial Capacitor Style
22-Jan-13
EKC VISHAY-EKC_12 Datasheet
113Kb / 7P
Aluminum Capacitors Radial Style
10-Jul-12
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com