Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG1007 Datasheet(PDF) 2 Page - First Components International

Part # FG1007
Description  10 Amps General Purpose Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG1007 Datasheet(HTML) 2 Page - First Components International

  FG1007 Datasheet HTML 1Page - First Components International FG1007 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES FG1001 THRU FG1007
FIG. 1 - FORWARD DERATING CURVE
FIG. 2 - TYPICAL FORWARD CHARACTERISTIC
100
10
1.0
0.1
TJ=25℃
Pulse Width=300us
10
8
6
4
2
0
20
40
60
70
80
90
100
110
120 175
AMBINT TEMPERATURE, ℃
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG. 3 - PEAK FORWARD SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISITIC
100
10
1
0.1
0.01
TJ=100℃
TJ=25℃
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
200
400
600
800
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com