Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG1007 Datasheet(PDF) 1 Page - First Components International

Part # FG1007
Description  10 Amps General Purpose Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG1007 Datasheet(HTML) 1 Page - First Components International

  FG1007 Datasheet HTML 1Page - First Components International FG1007 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
HIGH CURRENT LEAD MOUNTED
DIFFUSED JUNCTION
HIGH SURGE CAPABILITY
LOW FORWARD VOLTAGE DROP
COMPLETELY INSULATED CASE
UNIFORM MOLDED BODY
THE PLASTIC MATERIAL CARRIES U/L RECOGNITION 94V-0
HIGH TEMPERATURE SOLDERING GUARANTEED:250℃/10S
/.375〞, (9.5mm) LEAD LENGTH/5 LBS. (2.3KG) TENSION
MECHANICAL DATA
CASE:MOLDED PLASTIC
TERMINAL:AXIAL LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY:COLOR BAND DENOTES CATHODE
MOUNTING POSITION:ANY
WEIGHT :2.1 GRAMS
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
FG1001
FG1002 FG1003
FG1004 FG1005 FG1006
FG1007
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
.375〞(9.5mm) LEAD LENGTH AT TA=55
°C
IO
10.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
600
A
TYPICAL JUNCTION CAPACITANCE (NOTE)
CJ
150
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 175
℃
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 175
℃
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL FG1001
FG1002
FG1003 FG1004
FG1005
FG1006
FG1007
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.1
V
MAXIMUM REVERSE CURRENT AT 25℃
IR
5
µA
NOTE︰MEASURED AT 1MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
P600
Description
Mechanical Dimensions
Typical thermal resistance
Rthja/jL
20/4.0
C/W


Similar Part No. - FG1007

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG1007 FCI-FG1007 Datasheet
378Kb / 2P
10 Amp Glass Passivated Standard Rectifiers
More results

Similar Description - FG1007

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
General Purpose Plastic Rectifiers
logo
Silicon Standard Corp.
6A05 SSC-6A05 Datasheet
260Kb / 3P
General Purpose Plastic Rectifiers
logo
Cystech Electonics Corp...
RL201 CYSTEKEC-RL201 Datasheet
202Kb / 3P
General Purpose Plastic Rectifiers
logo
Continental Device Indi...
1N5400 CDIL-1N5400 Datasheet
326Kb / 4P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
General-purpose Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com