Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD75N3LLH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD75N3LLH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 9Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 10Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STD/P/U75N3LLH6, STU75N3LLH6-S
Electrical characteristics
Doc ID 15978 Rev 4
7/21
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=15V
ID=75A
50
12
AM05509v1
C
1500
1000
500
0
0
10
VDS(V)
(pF)
2000
20
Ciss
Coss
Crss
2500
AM05510v1
VGS(th)
0.8
0.6
0.4
0.2
-50
0
TJ(°C)
(norm)
-25
1.0
75
25
50
100 125 150
1.2
AM05511v1
RDS(on)
1.4
0.6
0.2
-50
0
TJ(°C)
(norm)
-25
75
25
50
100 125 150
0.4
0.8
1.0
1.2
1.6
1.8
0
AM05512v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=25°C
TJ=150°C
TJ=-55°C
60
70
AM00896v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com