Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD75N3LLH6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD75N3LLH6 Datasheet(HTML) 3 Page - STMicroelectronics

  STD75N3LLH6 Datasheet HTML 1Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 2Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STD/P/U75N3LLH6, STU75N3LLH6-S
Electrical ratings
Doc ID 15978 Rev 4
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
±20
V
ID
(1)
1.
The value is rated according to Rthj-case
Drain current (continuous) at TC = 25 °C
75
A
ID
Drain current (continuous) at TC = 70 °C
56
A
ID
Drain current (continuous) at TC = 100 °C
47
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
300
A
PTOT
Total dissipation at TC = 25 °C
60
W
Derating factor
0.4
W/°C
Tj
Tstg
Operating junction temperature
storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
IPAK
Short
IPAK
Rthj-case
Thermal resistance junction-case
(drain) (steady state)
2.5
°C/W
Rthj-amb
Thermal resistance junction-amb
max
100
62.5
100
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1in², 2oz Cu. t < 10 sec
Thermal resistance junction-pcb max
35
°C/W
TJ
Maximum lead temperature for
soldering purpose
275
300
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com