Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9683 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9683 Datasheet HTML 3Page - Analog Devices AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices AD9683 Datasheet HTML 10Page - Analog Devices AD9683 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD9683
Rev. 0 | Page 7 of 44
Parameter
Temperature
Min
Typ
Max
Unit
SYSREF INPUTS (SYSREF+/SYSREF−)
Logic Compliance
LVDS
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage Range
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−10
+10
µA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
LOGIC INPUT (RST)1
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−100
−45
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (SCLK, PDWN, CS2)3
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
45
100
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT (SDIO)3
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
45
100
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS (SERDOUT0+/SERDOUT0−)
Logic Compliance
CML
Differential Output Voltage (VOD)
Full
400
600
750
mV
Output Offset Voltage (VOS)
Full
0.75
DRVDD/2
1.05
V
DIGITAL OUTPUTS (SDIO/FD4)
High Level Output Voltage (VOH)
IOH = 50 µA
Full
1.79
V
IOH = 0.5 mA
Full
1.75
V
IOH = 2.0 mA
Full
1.6
V
Low Level Output Voltage (VOL)
IOL = 2.0 mA
Full
0.25
V
IOL = 1.6 mA
Full
0.2
V
IOL = 50 µA
Full
0.05
V
1
Pull-up.
2
Needs an external pull-up.
3
Pull-down.
4
Compatible with JEDEC standard JESD8-7A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com