Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9683 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 1 Page - Analog Devices

  AD9683 Datasheet HTML 1Page - Analog Devices AD9683 Datasheet HTML 2Page - Analog Devices AD9683 Datasheet HTML 3Page - Analog Devices AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
14-Bit, 170 MSPS/250 MSPS, JESD204B,
Analog-to-Digital Converter
Data Sheet
AD9683
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B Subclass 0 or Subclass 1 coded serial digital outputs
Signal-to-noise ratio (SNR) = 70.6 dBFS at 185 MHz AIN and
250 MSPS
Spurious-free dynamic range (SFDR) = 88 dBc at 185 MHz AIN
and 250 MSPS
Total power consumption: 434 mW at 250 MSPS
1.8 V supply voltages
Integer 1-to-8 input clock divider
Sample rates of up to 250 MSPS
IF sampling frequencies of up to 400 MHz
Internal analog-to-digital converter (ADC) voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
ADC clock duty cycle stabilizer (DCS)
Serial port control
Energy saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
Smart antenna systems
Electronic test and measurement equipment
Radar receivers
COMSEC radio architectures
IED detection/jamming systems
General-purpose software radios
Broadband data applications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
CML, TX
OUTPUTS
JESD204B
INTERFACE
HIGH
SPEED
SERIALIZERS
PIPELINE
14-BIT ADC
CMOS
DIGITAL
INPUT
CMOS
DIGITAL
OUTPUT
FAST
DETECT
CONTROL
REGISTERS
CLOCK
GENERATION
AVDD
SDIO SCLK
FD
PDWN
SERDOUT0±
CS
DRVDD
DVDD
AGND
DGND DRGND
CMOS DIGITAL
INPUT/OUTPUT
AD9683
RST
VIN+
VIN–
VCM
SYSREF±
SYNCINB±
CLK±
RFCLK
Figure 1.
GENERAL DESCRIPTION
The AD9683 is a 14-bit ADC with sampling speeds of up to
250 MSPS. The AD9683 is designed to support communications
applications where low cost, small size, wide bandwidth, and
versatility are desired.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC core features wide bandwidth inputs supporting a variety
of user-selectable input ranges. An integrated voltage reference
eases design considerations. A duty cycle stabilizer (DCS) is
provided to compensate for variations in the ADC clock duty cycle,
allowing the converter to maintain excellent performance. The
JESD204B high speed serial interface reduces board routing
requirements and lowers pin count requirements for the
receiving device.
The ADC output data is routed directly to the JESD204B serial
output lane. These outputs are at CML voltage levels. Data can be
sent through the lane at the maximum sampling rate of 250 MSPS,
which results in a lane rate of 5 Gbps. Synchronization inputs
(SYNCINB± and SYSREF±) are provided.


Similar Part No. - AD9683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683-170EBZ AD-AD9683-170EBZ Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683-250EBZ AD-AD9683-250EBZ Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683BCPZ-170 AD-AD9683BCPZ-170 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
AD9683BCPZ-250 AD-AD9683BCPZ-250 Datasheet
1Mb / 45P
Analog-to-Digital Converter
Rev. D
More results

Similar Description - AD9683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9643 AD-AD9643 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9694 AD-AD9694 Datasheet
2Mb / 101P
14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. E
AD9697 AD-AD9697 Datasheet
1Mb / 130P
14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com