Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VT Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8VT
Description  Three-phase Input Switch Mode Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VT Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8VT Datasheet HTML 1Page - Omron Electronics LLC S8VT Datasheet HTML 2Page - Omron Electronics LLC S8VT Datasheet HTML 3Page - Omron Electronics LLC S8VT Datasheet HTML 4Page - Omron Electronics LLC S8VT Datasheet HTML 5Page - Omron Electronics LLC S8VT Datasheet HTML 6Page - Omron Electronics LLC S8VT Datasheet HTML 7Page - Omron Electronics LLC S8VT Datasheet HTML 8Page - Omron Electronics LLC S8VT Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Three-phase Input Switch Mode Power Supply
S8VT
3
Engineering Data
■ Definition of Inrush Current, Start up Time and Hold Time
■ Overload Protection
The Power supply is provided with an overload protection function
that protect the load and the power supply from possible damage by
over current. When the output current rises above between 105 to
130% (105 to 120% for the 40 A model) of the rated current, the pro-
tection function is triggered, decreasing the output voltage. When
output current falls within the rated range, the overload protection
function is automatically cleared.
■ De-rating Curve
For UL and CSA the maximum temperature is 60°C
(70°C for the 20 A model)
■ Overvoltage Protection
5 A and 10 A models
If output voltage exceed the rated voltage more than 25% (50% at
maximum) by some reason, then an auxiliary feedback circuit will
operate limiting the output voltage for safety.
20 A and 40 A models
If output voltage exceed the rated voltage more than 25% (50% at
maximum) by some reason, then the output voltage will be turned
OFF automatically for safety. To restart the S8VT, turn OFF the input
voltage, wait few minutes, then apply the input power again.
Start up time
Hold up time
Inrush current input application
Input ON
Input OFF
AC input
voltage
AC input
current
Output
voltage
95%
90%
P
Pmax
50%
60
70 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com