Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2310 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristic
T =25
,
unless otherwise noted.
A
°C Vin=5.0V, Vo=1.8V, Cin=22uF,Co=22uF, L=2.2uH,
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PARAMETER
SYM BOL
Test Co nditions
MIN
TYP
M AX
UNITS
Input Voltage Range
VIN
2.7
5.5
V
Output Voltage Range
V
O
0.6
V
IN
V
Regulated Output Voltage Accuary
V
O
I
O = 0 to 2A ,VIN =2.7 V to 5.5V
-2
+2
%
Regulated Feedback Voltage
V
F B
0.588
0.6
0.612
V
FB Leak age Current
I
FB
V
O=1 V
0.2
µA
Output Voltage Line Regulation
LNR
VIN = 2.7V t o 5V
0.2
%/V
Output Voltage Load Regulation
LDR
IO=0A to 2A
0.5
%/A
Quies cent Current
IQ
No load
42
90
µA
Shutdown C urrent
I
SD
V
E N = 0 V
1
µA
Peak Inductor Current
ILIM
3
A
Oscillator Frequency
fOS C
1.5
MH z
High Side
90
m
Ω
Drain-Source On-State Res istance
RDS( ON)
Isw=100mA
Low Side
70
m
Ω
Start up Time
tS
From enable to output regulation
0.5
m s
EN Threshold High
VE H
1.5
V
EN Threshold Low
V
E L
0.3
V
EN Leakage Current
I
EN
V
IN =VEN = 0V
-1.0
1.0
µA
Over T emperature Protection
OTP
150
°C
OTP Hysteresis
OT H
30
°C
PAM2310
2A Low Noise Step-Down DC-DC Converter
05/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com